Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1L9251X Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1L9251X
Description  CD-ROM 48X RF AMP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1L9251X Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1L9251X Datasheet HTML 7Page - Samsung semiconductor S1L9251X Datasheet HTML 8Page - Samsung semiconductor S1L9251X Datasheet HTML 9Page - Samsung semiconductor S1L9251X Datasheet HTML 10Page - Samsung semiconductor S1L9251X Datasheet HTML 11Page - Samsung semiconductor S1L9251X Datasheet HTML 12Page - Samsung semiconductor S1L9251X Datasheet HTML 13Page - Samsung semiconductor S1L9251X Datasheet HTML 14Page - Samsung semiconductor S1L9251X Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CD-ROM 48X RF AMP
S1L9251X
11
Address : 05H
DFCT_CNST (D7 - D6): Short time constant of defect detect block select
FE_LPF (D5 - D4): FE LPF frequency select
FE_ATT (D2 - D0): FE attenuate gain select
DATA
D7
D6
D5
D4
D3
D2
D1
D0
Function
DFCT_CNST
FE_LPF
RSV
FE_ATT
Initial Value
0
0
0
0
0
0
1
0
D7
D6
DEFECT
0
0
100
µS/V
0
1
25
µS/V
1
0
12.5
µS/V
1
1
5.6
µS/V
D5
D4
MODE
0
0
40 kHz
0
1
80 kHz
1
0
120kHz
1
1
360kHz
D2
D1
D0
MODE
FE ATT Gain
0
0
0
− 6 dB
0
0
1
− 2.5 dB
0
1
0
0 dB
0
1
1
1.5 dB
1
0
0
2.5 dB
1
0
1
3.5 dB
1
1
0
5 dB
1
1
1
6 dB


Similar Part No. - S1L9251X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02-T0R0 SAMSUNG-S1L9223B02-T0R0 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
   VIDEO-CD 2ND GENERATION
More results

Similar Description - S1L9251X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9250B SAMSUNG-S5L9250B Datasheet
1Mb / 163P
   The CD-ROM 48X 1 chip receives the input signal read from the CD-DA/VIDEO-CD/CD-ROM disc after handling by the RF amplifier.
logo
Sony Corporation
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
Sanyo Semicon Device
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
logo
Rohm
BA664FP ROHM-BA664FP Datasheet
153Kb / 19P
   CD-ROM
logo
Sanyo Semicon Device
LB11999 SANYO-LB11999 Datasheet
93Kb / 12P
   Three-Phase Brushless Motor Drivers for CD-ROM Spindle Motor Driver (supports 44x, 48x, 50x)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com