Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB2511B Datasheet(PDF) 16 Page - Samsung semiconductor

Part # KB2511B
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2511B Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button KB2511B Datasheet HTML 12Page - Samsung semiconductor KB2511B Datasheet HTML 13Page - Samsung semiconductor KB2511B Datasheet HTML 14Page - Samsung semiconductor KB2511B Datasheet HTML 15Page - Samsung semiconductor KB2511B Datasheet HTML 16Page - Samsung semiconductor KB2511B Datasheet HTML 17Page - Samsung semiconductor KB2511B Datasheet HTML 18Page - Samsung semiconductor KB2511B Datasheet HTML 19Page - Samsung semiconductor KB2511B Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
S1D2511B01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
16
NOTES;
1.Duty cycle is the ratio of power transistor OFF time period. Power transistor is OFF when output transistor is
OFF.
2.Initial condition for safe operation start up.
3.S and C correction are inhibited so the output sawtooth has a linear shape.
4.With register 07 at byte x0xxxxxx (s-correction control is inhibited) then the S correction is inhibited, consequently
the sawtooth has a linear shape.
5.With register 08 at byte x0xxxxxx (C-Correction control is inhibited) then the C correction is inhibited,
consequently the sawtooth has a linear shape.
6.It is frequency range for which the vertical oscillator will automatically synchronize, using a single capacitor value
on pin 22, and with a constant ramp amplitude.
7.These parameters are not tested on each unit. They are measured during out internal qualification.
8.Refers to notes 4 & 5 from last section.
9.TH is the Horizontal period.
10.These parameters are not tested on each unit. They are measured during our internal qualification procedure
which incudes characterization on batches comming from corners of our processes and also temperature char
acterization.
11. See Figure 11 for explanation of reference phase.
12. See Figure 15.
13. This is the frequency range for which the vertical oscillator will automatically synchronize, using a single
capacitor value on Pin 22 and with a constant ramp amplitude.
14. TV is the vertical period.
15. When not used the DC breathing control pin must be connected to 12V.
16. The external power transistor is OFF during 400ns of the HFOCUSCAP discharge.


Similar Part No. - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com