Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1D2511B01 Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. S1D2511B01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S1D2511B01 Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01
5
REFERENCE DATA
Table 2. Reference Data
Parameter
Value
Unit
Horizontal frequency
15 to 150
kHz
Autosynch frequency (for given R0 and C0)
1 to 4.5FO
FH
± Horizontal sync polarity input
YES
Polarity detection (on both horizontal and vertical section)
YES
TTL Composite synch
YES
Lock/Unlock identification (on both horizontal 1st PLL and vertical section)
YES
I2C control for H-Position
±10
%
XRay protection
YES
I2C horizontal duty cycle adjust
30 to 60
%
I2C free running frequency adjustment
0.8 to 1.3FO
FH
Stand-by function
YES
Dual polarity H-Drive outputs
NO
Supply voltage monitoring
YES
PLL1 inhibition possibility
NO
Blanking output
NO
Vertical frequency
35 to 200
Hz
Vertical autosync (for 150nF on Pin22 and 470nF on Pin20)
50 to 165
Hz
Vertical S-Correction
YES
Vertical C-Correction
YES
Vertical amplitude adjustment
YES
DC breathing control on Vertical amplitude
YES
East/West parabola output(also known as Pin cushion output)
YES
East/West correction amplitude adjustment
YES
Keystone adjustment
YES
Internal dynamic horizontal phase control
YES
Side pin balance amplitude adjustment
YES
Parallelogram adjustment
YES
Tracking of geometric corrections with vertical amplitude and position
YES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn