Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2504A01 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # S1D2504A01
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2504A01 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button S1D2504A01 Datasheet HTML 11Page - Samsung semiconductor S1D2504A01 Datasheet HTML 12Page - Samsung semiconductor S1D2504A01 Datasheet HTML 13Page - Samsung semiconductor S1D2504A01 Datasheet HTML 14Page - Samsung semiconductor S1D2504A01 Datasheet HTML 15Page - Samsung semiconductor S1D2504A01 Datasheet HTML 16Page - Samsung semiconductor S1D2504A01 Datasheet HTML 17Page - Samsung semiconductor S1D2504A01 Datasheet HTML 18Page - Samsung semiconductor S1D2504A01 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
S1D2504A01
I2C BUS COTROLLED R/G/B VIDEO AMPLIFIER
14
3. Brightness Adjustment (5-Bits)
The Brightness adjustment controls to add the same black level (pedestal) to the 3-channel R/G/B signals by
I2C bus.
4. Cut-Off Adjustments (8-Bits
× 3)
These Adjustments are used to adjust the white balance of the each channel controlled by the I2C bus.
5. Cut-Off Brightness Adjustment (8-Bits)
The Cut-Off Brightness Adjustment controls the 3-channel Cut-Off by I2C bus.
6. Slave Address
The 2-wire serial interface is an I2C BUS interface.
The Slave address of the S1D2504A01 is DCH (hexadecimal)
7. Data Transfer
All Bytes are sent MSB (Most Significant Bit) bit first and the write data transfer is closed by a STOP.
The MCU can write data into the S1D2504A01 registers.
To write data into the S1D2504A01, after a start, MCU must send :
- The I2C address slave byte with a low level for R/W bit (bit 1)
- The byte of the internal register address where the MCU wants to write data. (SUB Address)
- The Data sent to slave
- Stop
- 1-Byte Data Transfer
- Multi-Data Transfer
- Automatic increment
The automatic increment feature of the slave address enables a quick slave receiver initialization within one
transmission by the I2C BUS controller.
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
1
1
0
1
1
1
0
0 (W)
STA
Slave ADRS
W
A
SUB ADRS
A
DATA
A
STO
STA
Slave ADRS
W
A
Sub ADRS
A
DATA
A
Sub ADRS
A
DATA
A
- - -
- - -
Sub ADRS
A
DATA
A
STO
STA
Slave ADRS
W
A
Auto ADRS
A
DATA (00H)
A
DATA (01H)
A
DATA (02H)
A
- - -
- - -
DATA (07H)
A
DATA (08H)
A
STO


Similar Part No. - S1D2504A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2500A SAMSUNG-S1D2500A Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0B0 SAMSUNG-S1D2500A01-D0B0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2504A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com