Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2503X01-D0B0 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S1D2503X01-D0B0
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2503X01-D0B0 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S1D2503X01-D0B0 Datasheet HTML 17Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 18Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 19Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 20Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 21Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 22Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 23Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 24Page - Samsung semiconductor S1D2503X01-D0B0 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0
21
Preliminary
REGISTER DESCRIPTION
Contrast (OSD contrast adjustment) (8-bits)
The contrast adjustment is made by controlling simultaneously the gain of three internal variable gain amplifiers
through the I2C bus interface.
The contrast adjustment allows you to cover a typical range of 38dB.
Brightness Adjustment (8-bits)
The brightness adjustment controls to add the same black level (pedestal) to the 3-channel/R/G/B signals after
contrast amplifier by I2C bus.
Cut-Off Brightness Adjustments (8-bits)
The cut-off brightness adjustment is made by simultaneously controlling the external cut-off current.
SUB Contrast Adjustment (8-bits
× 3)
The SUB contrast adjustment allows to cover a typical range of 12dB.
Cut-Off Adjustments (8-bits
× 3)
These adjustments are used to adjust the white balance, and the gain of each channel is controlled by I2C bus.
Contrast Register (SUB ADRS: 00H) (Vin = 0.56Vpp, bright: 40H, sub: FFH)
Brightness Register (3-ch) (sub adrs: 01H) (cont: 40H, sub: FFH)
SUB Contrast Register (3-ch) (sub a]drs: 02/03/04H) (Vin = 0.56Vpp, bright: 40H, cont: FFH)
Hex
Bits
Contrast
(Vpp)
Gain
(dB)
Int. Value
(Hex)
B7
B6
B5
B4
B3
B2
B1
B0
00
0
0
0
0
0
0
0
0
0
-30.0
80
1
0
0
0
0
0
0
0
1.12
11.5
O
FF
1
1
1
1
1
1
1
1
4.2
17.5
Increment/bit
0.0164
Hex
Bits
Brightness
(V)
Int. Value
(Hex)
B7
B6
B5
B4
B3
B2
B1
B0
00
0
0
0
0
0
0
0
0
0
80
1
0
0
0
0
0
0
0
1.4
O
FF
1
1
1
1
1
1
1
1
2.8
Increment/bit
0.0109
Hex
Bits
Sub Contrast
(Vpp)
Gain
(dB)
Int. Value
(Hex)
B7
B6
B5
B4
B3
B2
B1
B0
00
0
0
0
0
0
0
0
0
1.33
7.5
80
1
0
0
0
0
0
0
0
2.65
13.5
O
FF
1
1
1
1
1
1
1
1
4.2
17.5
Increment/bit
0.0123


Similar Part No. - S1D2503X01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2500A SAMSUNG-S1D2500A Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0B0 SAMSUNG-S1D2500A01-D0B0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2503X01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2504A01 SAMSUNG-S1D2504A01 Datasheet
887Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com