Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C7309X01 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1C7309X01
Description  B/W CCD PROCESSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1C7309X01 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1C7309X01 Datasheet HTML 7Page - Samsung semiconductor S1C7309X01 Datasheet HTML 8Page - Samsung semiconductor S1C7309X01 Datasheet HTML 9Page - Samsung semiconductor S1C7309X01 Datasheet HTML 10Page - Samsung semiconductor S1C7309X01 Datasheet HTML 11Page - Samsung semiconductor S1C7309X01 Datasheet HTML 12Page - Samsung semiconductor S1C7309X01 Datasheet HTML 13Page - Samsung semiconductor S1C7309X01 Datasheet HTML 14Page - Samsung semiconductor S1C7309X01 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
S1C7309X01
B/W CCD PROCESSOR
11
ABSOLUTE MAXIMUM RATING (Ta=25
°C)
ELECTRO-STATIC DISCHARGE
TEMPERATURE CHARACTERISTICS (VCC=5 V, Ta=25
°C)
Characteristic
Symbol
Value
Unit
Power supply voltage
VCC
7
V
Power Dissipation
Pd
500
mW
Operation Temperature
TOPR
-20 ~ +75
°C
Storage Temperature
TSTR
-65 ~ +150
°C
REF. Device
-
Test Sample Quantity
- EX
TEST CONDITION
E. S. D.
UNIT
REMARK
C
R
PIN NO.
DESIGN
TARGET
REF.
DEVICE
HBM
100 pF
1.5 K
ALL PIN
± 1500 ↑
-
V
Characteristics
Symbol
Value
Unit
AGC out DC
V04
Normal Value
± 5 %
V
Detect out DC
V08
Normal Value
± 5 %
V
IRIS AMP. out DC
V40
Normal Value
± 5 %
V
γ AMP. out
V17
Normal Value
± 5 %
mVp-p
Sync level
Vsy
Normal Value
± 5 %
mVp-p


Similar Part No. - S1C7309X01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1C05M00 ETC-S1C05M00 Datasheet
58Kb / 2P
   SIP REED RELAY
S1C12M00 ETC-S1C12M00 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
Epson Company
S1C17001 EPSON-S1C17001 Datasheet
114Kb / 6P
   CMS 16-bit Single chip Microcontroller
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C7309X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7305 SAMSUNG-KA7305 Datasheet
123Kb / 9P
   B/W CCD PROCESSOR
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
   CCD Signal Processors for B/W CCD Cameras
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com