Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53258-0929 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 53258-0929
Description  3.50mm (.138") Pitch Header, Vertical, Lead-free, 9 Circuits, Brass (CuZn) Contact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53258-0929 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  53258-0929 Datasheet HTML 1Page - Molex Electronics Ltd. 53258-0929 Datasheet HTML 2Page - Molex Electronics Ltd. 53258-0929 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 53258-0929

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53258-0229 MOLEX7-53258-0229 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 2 Circuits, Brass (CuZn) Contact
53258-0329 MOLEX7-53258-0329 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Brass (CuZn) Contact
53258-0429 MOLEX7-53258-0429 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 4 Circuits, Brass (CuZn) Contact
53258-0449 MOLEX11-53258-0449 Datasheet
91Kb / 1P
   3.5 W-To-B Conn WAFER Assy (ST.) WITH BOSS
53258-0529 MOLEX7-53258-0529 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 5 Circuits, Brass (CuZn) Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com