Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0903X01 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1A0903X01
Description  AM/FM TUNER MPX PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0903X01 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1A0903X01 Datasheet HTML 1Page - Samsung semiconductor S1A0903X01 Datasheet HTML 2Page - Samsung semiconductor S1A0903X01 Datasheet HTML 3Page - Samsung semiconductor S1A0903X01 Datasheet HTML 4Page - Samsung semiconductor S1A0903X01 Datasheet HTML 5Page - Samsung semiconductor S1A0903X01 Datasheet HTML 6Page - Samsung semiconductor S1A0903X01 Datasheet HTML 7Page - Samsung semiconductor S1A0903X01 Datasheet HTML 8Page - Samsung semiconductor S1A0903X01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AM/FM TUNER + MPX + PLL
S1A0903X01
5
Preliminary
CHARACTERISTICS
ABSOLUTE MAXUMUM RATING
TEMPERATURE CHARACTERICS
ELECTRO_STATIC DISCHARGE CHARACTERISTICS
Parameter
Symbol
Rating
Unit
Remarks
Supply Voltage
VS
10
V
Operating Temperature
Top
-20
− + 75
°C
Storage Temperature
Tstg
-55
− + 150
°C
Power Dissipation
Pdmax
1800
mW
Parameter
Symbol
Condition
Rating
Unit
Remarks
Quiescent circuit current 1 (FM)
∆Icc1
-20
− + 70°C
20
uA/
°C
Quiescent circuit current 2 (AM)
∆Icc2
-20
− + 70°C
20
uA/
°C
Parameter
Condition
Pin No.
Rating
Unit
Remarks
Human Body Model
C = 100pF, R = 1.5k
All pins
± 2000
V
Machine Model
C = 200, R = 0k
All pins
± 300
V
CDM
-
All pins
± 800
V


Similar Part No. - S1A0903X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0900X01-A0B0 SAMSUNG-S1A0900X01-A0B0 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0900X01-S0B0 SAMSUNG-S1A0900X01-S0B0 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
S1A0901A01-S0B0 SAMSUNG-S1A0901A01-S0B0 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
More results

Similar Description - S1A0903X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
   AM/FM TUNER MPX
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
   AM Tuner/FM-IF FM MPX
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com