Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0902X01 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1A0902X01
Description  AM/FM TUNER MPX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0902X01 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1A0902X01 Datasheet HTML 7Page - Samsung semiconductor S1A0902X01 Datasheet HTML 8Page - Samsung semiconductor S1A0902X01 Datasheet HTML 9Page - Samsung semiconductor S1A0902X01 Datasheet HTML 10Page - Samsung semiconductor S1A0902X01 Datasheet HTML 11Page - Samsung semiconductor S1A0902X01 Datasheet HTML 12Page - Samsung semiconductor S1A0902X01 Datasheet HTML 13Page - Samsung semiconductor S1A0902X01 Datasheet HTML 14Page - Samsung semiconductor S1A0902X01 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AM/FM TUNER + MPX
S1A0902X01
11
0
20
40
60
80
100
120
140
160
180
200
0
10
20
30
40
50
60
70
80
90
AM Modulation(%)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
90
THD(%)
THD - AM Mod.
AM
Vcc=3V
fin=1MHz
fm=1KHz
Vo2,Vo3
(dB)
AM Modulation(%)
Vo2
Vo3
Vo2,Vo3 - AM Mod.
AM
Vcc=3V
fin=1MHz
fm=1KHz
0
1
2
3
4
5
6
7
8
2
3
4
5
6
7
8
9
Iccq(mA)
Vcc(V)
Iccq - Vcc
AM
-20
-12
-4
4
12
20
2
3
4
5
6
7
8
9
Vo(dB)
Vcc(V)
Vo - Vcc
Vin=60dBuV
fin=1MHz
fm=1KHz
AM
-70
-60
-50
-40
-30
-20
-10
0
10
Vo1,S/N,AMR
(dB)
RF Input Level(dBu)
Vo1
AMR
S/N1
Vo1,S/N,AMR - RF lev.
Vcc=3V
¥Äf=¡¾22.5KHz
fin=98MHz
fm=1KHz
FM
0.10
0.14
0.29
0.43
0.57
0.71
0.86
1.00
1.43
2.86
4.00
THD (%)
RF Input Level(dBu)
THD - RF lev.
FM
Vcc=3V
¥Äf=¡¾22.5KHz
fin=98MHz
fm=1KHz


Similar Part No. - S1A0902X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0900X01-A0B0 SAMSUNG-S1A0900X01-A0B0 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0900X01-S0B0 SAMSUNG-S1A0900X01-S0B0 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
S1A0901A01-S0B0 SAMSUNG-S1A0901A01-S0B0 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
More results

Similar Description - S1A0902X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
   AM/FM TUNER MPX
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
   AM Tuner/FM-IF FM MPX
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
   AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com