Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51234-3003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51234-3003
Description  CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 30 Circuits, Polarization Type B, Polarization Position C-4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51234-3003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51234-3003 Datasheet HTML 1Page - Molex Electronics Ltd. 51234-3003 Datasheet HTML 2Page - Molex Electronics Ltd. 51234-3003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0512343003
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,
Signal, 30 Circuits, Polarization Type B, Polarization Position C-4
Documents:
Drawing (PDF)
Product Specification PS-51238-018 (PDF)
Product Specification PS-51238-010 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
I/O Connectors
Series
51234
Application
N/A
Component Type
Housing
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Breakaway
No
Circuits (Loaded)
N/A
Circuits (maximum)
30
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Material - Resin
Polyester
Number of Rows
6
Orientation
Vertical
Packaging Type
Tray
Panel Mount
N/A
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
0.118 In
Pitch - Term. Interface (mm)
3.00 mm
Polarized to Mating Part
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1A, 2.5A, 2A, 3A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51234Series
Mates With
51238
Use With
56116, 56117, 56118 and 56119 male
terminal, 56380 plug shell body, 56381 plug
shell cover


Similar Part No. - 51234-3003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51234-3001 MOLEX7-51234-3001 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 30 Circuits, Polarization Type Standard
51234-3002 MOLEX7-51234-3002 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male TerminalSignal, 30 Circuits, Polarization Type A, Polarization Position C-3
51234-3004 MOLEX7-51234-3004 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal, Signal, 30 Circuits, Polarization Type C, Polarization Position D-4
51234-3005 MOLEX7-51234-3005 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 30 Circuits, Polarization Type D, Polarization Position B-3
More results

Similar Description - 51234-3003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512343004 MOLEX7-0512343004 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal, Signal, 30 Circuits, Polarization Type C, Polarization Position D-4
0512343005 MOLEX7-0512343005 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 30 Circuits, Polarization Type D, Polarization Position B-3
0512342003 MOLEX7-0512342003 Datasheet
142Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 20 Circuits, Polarization Type B, Polarization Position B-3
0512393003 MOLEX7-0512393003 Datasheet
153Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 30 Circuits, Polarization Type B, Polarization Position C-4
0512342004 MOLEX7-0512342004 Datasheet
142Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal Signal, 20 Circuits, Polarization Type C, Polarization Position C-3
0512342002 MOLEX7-0512342002 Datasheet
142Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 20 Circuits, Polarization Type A, Polarization Position B-2
0512392003 MOLEX7-0512392003 Datasheet
139Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female Terminal, Signal, 20 Circuits, Polarization Type B, Polarization Position B-3
0512343002 MOLEX7-0512343002 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male TerminalSignal, 30 Circuits, Polarization Type A, Polarization Position C-3
0512343001 MOLEX7-0512343001 Datasheet
159Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male Terminal,Signal, 30 Circuits, Polarization Type Standard
0512393004 MOLEX7-0512393004 Datasheet
153Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 30 Circuits, Polarization Type C, Polarization Position D-4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com