Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0497X01 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S1A0497X01
Description  FM FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0497X01 Datasheet(HTML) 2 Page - Samsung semiconductor

  S1A0497X01 Datasheet HTML 1Page - Samsung semiconductor S1A0497X01 Datasheet HTML 2Page - Samsung semiconductor S1A0497X01 Datasheet HTML 3Page - Samsung semiconductor S1A0497X01 Datasheet HTML 4Page - Samsung semiconductor S1A0497X01 Datasheet HTML 5Page - Samsung semiconductor S1A0497X01 Datasheet HTML 6Page - Samsung semiconductor S1A0497X01 Datasheet HTML 7Page - Samsung semiconductor S1A0497X01 Datasheet HTML 8Page - Samsung semiconductor S1A0497X01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
S1A0497X01
FM FRONT END
2
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
NOTE: Derated above Ta = 25
°C in the proportion of 4mW/°C
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
8
V
Power Dissipation
PD
S1A0497X(9-SIP)
600
mW
S1A0497X(14-SOP)
300
Operating Temperature
TOPR
− 25 − +75
°C
Storage Temperature
TSTG
− 55 − +150
°C
1
3
4
5
6
7
8
RF AMP
RF
BYPASS
RF
MIX IN
GND
MIX
OSC
OSC
9
OSC BUFF
MIX
LOCAL
OSC
VREF
OUTPUT OUTPUT
VCC
INPUT
OUTPUT
(8)
(11)
(12)
(13)
(14)
(3)
(4)
(5)
(7)
2
NOTE: ( ) means 14-SOP-Package
NC: (1), (2), (6), (9), (10)


Similar Part No. - S1A0497X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01-A0B0 SAMSUNG-S1A0426C01-A0B0 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01-S0B0 SAMSUNG-S1A0426C01-S0B0 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C02-A0B0 SAMSUNG-S1A0426C02-A0B0 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
More results

Similar Description - S1A0497X01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
logo
Toshiba Semiconductor
TA7358P TOSHIBA-TA7358P Datasheet
240Kb / 8P
   FM FRONT-END
logo
Unisonic Technologies
A6058 UTC-A6058_15 Datasheet
197Kb / 6P
   FM FRONT-END
logo
Rohm
BA4402 ROHM-BA4402 Datasheet
141Kb / 5P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com