Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE5RE59AC-T1 Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RE5RE59AC-T1
Description  VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RE59AC-T1 Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RE5RE59AC-T1 Datasheet HTML 7Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 8Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 9Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 10Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 11Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 12Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 13Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 14Page - RICOH electronics devices division RE5RE59AC-T1 Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
10
OPERATION
Output Voltage VOUT divided at the node between
Registers R1 and R2 is compared with Reference Voltage
by Error Amplifier, so that a constant voltage is output.
TEST CIRCUITS
FIG. 2 Test Circuit
FIG. 3 Quiescent Current Test Circuit
FIG. 4 Line Transient Response Test Circuit
FIG. 1 Brock Diagram
R
×5RE
GND
GND
VIN
+
Error Amplifire
VOUT
R2
R1
Vref
CI
1µF
Co
1µF
VIN
GND
R
×5RE
SERIES
VOUT
IOUT
VOUT
VIN
+
+
ISS
CI
1µF
VIN
GND
R
×5RE
SERIES
VOUT
VIN
+
Ro
Co
0.1µF
P.G
GND
R
×5RE
SERIES
VOUT
VOUT
VIN
+


Similar Part No. - RE5RE59AC-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RE50AA-TZ-F RICOH-RE5RE50AA-TZ-F Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RE5RE59AC-T1

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com