Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S1A0427B01 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. S1A0427B01
Description  AM/FM 1 CHIP RADIO
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S1A0427B01 Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AM/FM 1 CHIP RADIO
S1A0427B01
3
ELECTRICAL CHARACTERISTICS
(Ta =25
°C, V
CC = 5.5V, fm = 1kHz, AM: f = 1MHz, 30% Mod, FM: f = 10.7MHz
∆f = 22.5kHz, unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
FM
Quiescent Circuit
Current
ICCQ
SW: FM, Vcc = 3V
7
12
17
mA
SW: FM, Vcc = 9V
10
17
23
Pin 16 Terminal Voltage
V16(FM)
SW: FM, Vcc = 9V, VI = 0
2.0
2.4
3.1
V
-3 dB Limiting Sensitivity
VI(LIM)
SW: FM,
−3dB
V16 = 2.4V, V R Min
57
dB
AM
Internal Regulated Vtg.
VCC
SW: AM, ICC = 42mA
12
13.2
14.0
V
Pin 16 Voltage
V16 (AM) SW: AM, VCC = 9V, VI = 0
1.4
1.9
V
Maximum Sensitivity
SMAX
SW: AM, VCC = 12V
VI = 37dBµ, RL = 8Ω
1.5
3.0
V
Signal to Noise Ratio
S/N
VI = 37.5dBµ, RL = 8Ω
PO = 50mW
15
20
dB
PWR
AMP
Output Power
PO
f = 1kHz, THD = 10%
VR Min, RL = 8Ω
0.28
W
Total Harmonic
Distortion
THD
ICC = 42mA, RL = 45Ω
f = 1kHz, VO = 2V VR Min
0.5
4.0
%
Voltage gain
GV
f = 1kHz, RL = 8Ω, PO = 50mW
41
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn