Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52207-3085 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 52207-3085
Description  1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style Receptacle, 30 Circuits, Lead-free, High Barrier Packaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52207-3085 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  52207-3085 Datasheet HTML 1Page - Molex Electronics Ltd. 52207-3085 Datasheet HTML 2Page - Molex Electronics Ltd. 52207-3085 Datasheet HTML 3Page - Molex Electronics Ltd. 52207-3085 Datasheet HTML 4Page - Molex Electronics Ltd. 52207-3085 Datasheet HTML 5Page - Molex Electronics Ltd. 52207-3085 Datasheet HTML 6Page - Molex Electronics Ltd. 52207-3085 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - 52207-3085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52207-3033 MOLEX11-52207-3033 Datasheet
513Kb / 5P
   1.0 MM FPC CONN. ZIF R/A HOUSING ASSY (UPPER CONTACT)
2013/03/15
52207-3033 MOLEX-52207-3033 Datasheet
536Kb / 5P
   EMBOSSED TAPE PACKAGED 1.0 MM FPC CONN ZIF R/A HOUSING ASSY
52207-3060 MOLEX7-52207-3060 Datasheet
532Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact StyleReceptacle, 30 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52207-3090 MOLEX-52207-3090 Datasheet
361Kb / 5P
   1.0mm Pitch FPC Conn ZIF SMT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com