Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0386A01 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A0386A01
Description  LOW VOLTAGE AUDIO POWER AMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0386A01 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A0386A01 Datasheet HTML 1Page - Samsung semiconductor S1A0386A01 Datasheet HTML 2Page - Samsung semiconductor S1A0386A01 Datasheet HTML 3Page - Samsung semiconductor S1A0386A01 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LOW VOLTAGE AUDIO POWER AMP
S1A0386A01
1
INTRODUCTION
The S1A0386A01 is a power amplifier designed for use in low
voltage consumer applications. The gain is internally set to 20
to keep the external part count low, but the addition of an exter-
nal resistor and Capacitor between Pin 1 and 8 will increase the
gain to any value up to 200.
FEATURES
Battery operation
Minimum external parts
Wide supply voltage range:
4V
− 12V (S1A0386A01-D0B0)
4V
− 9V (S1A0386A01-S0B0)
Low quiescent current drain (4mA)
Voltage gains: 20
− 200dB
Ground referenced Input
Self-centering output quiescent voltage
Low distortion
ORDERING INFORMATION
Device
Package
Operating Temperature
S1A0386A01-D0B0
8
−DIP−300
−20°C − + 70°C
S1A0386A01-S0B0
8
−SOP−225
8
−SOP−225
8
−DIP−300


Similar Part No. - S1A0386A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01-X0BO SAMSUNG-S1A0067X01-X0BO Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
S1A0136A01 SAMSUNG-S1A0136A01 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-A0B0 SAMSUNG-S1A0136A01-A0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-S0B0 SAMSUNG-S1A0136A01-S0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
More results

Similar Description - S1A0386A01

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL386 SLS-SL386 Datasheet
33Kb / 3P
   Low Voltage Audio Power AMP
logo
KODENSHI_AUK CORP.
KK386 KODENSHI-KK386 Datasheet
197Kb / 4P
   Low Voltage Audio Power AMP
logo
Integral Corp.
IL386 INTEGRAL-IL386 Datasheet
122Kb / 3P
   Low Voltage Audio Power AMP
logo
Panasonic Semiconductor
LA4289N PANASONIC-LA4289N Datasheet
55Kb / 1P
   Audio Power AMP
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com