Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0211X01-I0U0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A0211X01-I0U0
Description  DUAL LOW NOISE EQ AMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0211X01-I0U0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A0211X01-I0U0 Datasheet HTML 1Page - Samsung semiconductor S1A0211X01-I0U0 Datasheet HTML 2Page - Samsung semiconductor S1A0211X01-I0U0 Datasheet HTML 3Page - Samsung semiconductor S1A0211X01-I0U0 Datasheet HTML 4Page - Samsung semiconductor S1A0211X01-I0U0 Datasheet HTML 5Page - Samsung semiconductor S1A0211X01-I0U0 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DUAL LOW NOISE EQ AMP
S1A0211X01
1
INTRODUCTION
The S1A0211X01 is a monolithic integrated circuit consisting of
a 2-channel pre-amplifier in an 8-pin plastic single in-line pack-
age.
FEATURES
Recommended operating supply voltage range:
VCC = 5V to 14V
Low noise (VNI = 1.0µV: Typ)
High channel separation
Minimum number of external parts required
ORDERING INFORMATION
BLOCK DIAGRAM
Device
package
Operating Temperature
S1A0211X01-I0U0
8
−SlP
−20°C — +70°C
8
−SlP
+
+
1
2
3
4
5
6
7
8
AMP1
AMP2
INPUT1
NF1 OUTPUT1
VCC
OUTPUT2 NF2
INPUT2
GND


Similar Part No. - S1A0211X01-I0U0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0234B01 SAMSUNG-S1A0234B01 Datasheet
97Kb / 4P
   5 BAND DUAL GRAPHIC EQ AMP
S1A0234B01-Y0B0 SAMSUNG-S1A0234B01-Y0B0 Datasheet
97Kb / 4P
   5 BAND DUAL GRAPHIC EQ AMP
S1A0241A01 SAMSUNG-S1A0241A01 Datasheet
90Kb / 6P
   DUAL EQ AMP WITH ALC
S1A0241A01-I0B0 SAMSUNG-S1A0241A01-I0B0 Datasheet
90Kb / 6P
   DUAL EQ AMP WITH ALC
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
More results

Similar Description - S1A0211X01-I0U0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22211 SAMSUNG-KA22211 Datasheet
135Kb / 6P
   DUAL LOW NOISE EQ AMP
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
   DUAL EQ AMP WITH ALC
S1A0241A01 SAMSUNG-S1A0241A01 Datasheet
90Kb / 6P
   DUAL EQ AMP WITH ALC
logo
Wing Shing Computer Com...
KA22241 WINGS-KA22241 Datasheet
137Kb / 6P
   DUAL EQ AMP WITH ALC
logo
Samsung semiconductor
KA22234 SAMSUNG-KA22234 Datasheet
140Kb / 4P
   5 BAND DUAL GRAPHIC EQ AMP
S1A0234B01 SAMSUNG-S1A0234B01 Datasheet
97Kb / 4P
   5 BAND DUAL GRAPHIC EQ AMP
logo
AUK corp
S4558P AUK-S4558P Datasheet
240Kb / 3P
   Low Noise Dual OP AMP
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com