Electronic Components Datasheet Search |
|
S1A0136A01-A0B0 Datasheet(PDF) 4 Page - Samsung semiconductor |
|
S1A0136A01-A0B0 Datasheet(HTML) 4 Page - Samsung semiconductor |
4 / 6 page S1A0136A01 DUAL PRE-POWER AMP WITH VOLUME CONTROLLER 4 ATTENUATOR SECTION (Ta = 25 °C, V CC = 3V, f = 1kHz, unless otherwise specified) MOTOR SPEED CONTROLLER (Ta = 25 °C, V CC = 3V, IM = 100mA, unless otherwise specified) * Voltage across Pin 13, 17 Characteristic Symbol Test Conditions Min. Typ. Max. Unit Maximum Input Voltage VI(MAX) − 0.2 − − V Maximum Attenuation VATT(MAX) VCONT = Min 66 − − dB Attenuation Error VATT(ERR) VCONT = Max − 0 − dB Input Impedance ZI − 15 20 − K Ω Characteristic Symbol Test Conditions Min. Typ. Max. Unit Circuit Current IMC − − 3.0 5.0 mA Starting Current IMS − 500 − − mA Reference Voltage VREF V(pin 15, 16) 0.72 0.80 0.87 V Reference Voltage Regulation 1 ∆V REF1 VCC = 2.1 − 5.0 V − 0.05 − %/V Reference Voltage Regulation 2 ∆V REF2 IM = 25 − 250 mA − 0.01 − %/mA Reference Voltage Regulation 3 ∆V REF3 Ta = -10 ~ 50 °C − 0.01 − %/ °C Current Coefficient K − 32 38 43 − Current Coefficient Regulation 1 ∆K1 VCC = 2.1 − 5.0 V − 0.50 − %/V Current Coefficient Regulation 2 ∆K2 IM = 25 − 250 mA − 0.05 − %/mA Current Coefficient Regulation 3 ∆K3 Ta = −10 − 50 °C − 0.02 − %/ °C Saturation Voltage VSAT IM = 200mA, Pin14 = VCC − − 0.6 V Leakage Current ILKG Pin 18 = VCC − 50 200 µV |
Similar Part No. - S1A0136A01-A0B0 |
|
Similar Description - S1A0136A01-A0B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |