Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0067X01-X0BO Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S1A0067X01-X0BO
Description  4.6W AUDIO POWER AMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0067X01-X0BO Datasheet(HTML) 4 Page - Samsung semiconductor

  S1A0067X01-X0BO Datasheet HTML 1Page - Samsung semiconductor S1A0067X01-X0BO Datasheet HTML 2Page - Samsung semiconductor S1A0067X01-X0BO Datasheet HTML 3Page - Samsung semiconductor S1A0067X01-X0BO Datasheet HTML 4Page - Samsung semiconductor S1A0067X01-X0BO Datasheet HTML 5Page - Samsung semiconductor S1A0067X01-X0BO Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S1A0067X01
4.6W AUDIO POWER AMP
4
Preliminary
ELECTRICAL CHARACTERISTICS
(Ta = 25C, Vcc = 9V, RL = 4Ω, f = 1kHz, RG = 600Ω, unless otherwise specified)
Parameter
Symbol
condition
Spec
Unit
Min.
Typ.
Max.
Supply Current
Icc
Vi = 0
20
45
mA
Standby Current
Isb
Vpin11 = 0
100
uA
Maximum Power
Po1
THD = 10%
2.0
2.5
W
Po2
THD 10%, Vcc = 12.0V
4.0
4.6
W
THD
THD
Po = 1W
0.1
0.9
%
Voltage Gain
AV1
Rf = 51
Ω, Vo = 0.775V
38
40
42
dB
AV2
Rf = 0
Ω, Vo = 0.775V
44
46
48
dB
Channel Balance
CB
Rf = 0
Ω, Vo = 0.775V
− 2.0
0.0
2.0
dB
Input Resistance
Ri
32
40
48
k
Output Noise
Vno
Rg = 10
Ω, BW = 20 — 20kHz
0.2
1.0
mVrms
Ripple Rejection Ratio
RR
Rg = 600
Ω, f = 120kHz
46
dB
Channel Crossover Ratio
CT
Rg = 10
Ω, f = 1kHz, Vo = 0dBm
40
dB
Standby Changing Voltage
Vsb
0
0.9
V
Mute Changing Voltage
Vmt
0
0.25
V
Mute Attenuation Ratio
Rmt
Vpin1 = 0
-60
dB


Similar Part No. - S1A0067X01-X0BO

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0136A01 SAMSUNG-S1A0136A01 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-A0B0 SAMSUNG-S1A0136A01-A0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-S0B0 SAMSUNG-S1A0136A01-S0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0211X01 SAMSUNG-S1A0211X01 Datasheet
72Kb / 6P
   DUAL LOW NOISE EQ AMP
S1A0211X01-I0U0 SAMSUNG-S1A0211X01-I0U0 Datasheet
72Kb / 6P
   DUAL LOW NOISE EQ AMP
More results

Similar Description - S1A0067X01-X0BO

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
KA22067 SAMSUNG-KA22067 Datasheet
126Kb / 6P
   4.6W AUDIO POWER AMP (GENERAL DESCRIPTION)
KA22065 SAMSUNG-KA22065 Datasheet
98Kb / 3P
   4.6W DUAL POWER AMP
logo
List of Unclassifed Man...
D6283 ETC1-D6283 Datasheet
310Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283 Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
A6283 UTC-A6283_15 Datasheet
298Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
D6282 YONGFUKANG-D6282 Datasheet
119Kb / 6P
   4.6W Dual Audio Power Amplifier
logo
Tiger Electronic Co.,Lt...
KIA6282K TGS-KIA6282K Datasheet
370Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1367 NTE-NTE1367 Datasheet
30Kb / 3P
   Integrated Circuit Dual, Audio Power Amp, 2.3W to 5W (4.6W to 15W BTL)
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com