Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0674911131 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 0674911131
Description  1.27mm (.050") Pitch Serial ATA High Speed Header, High TemperatureThermoplastic, Through Hole, Vertical, 7 Circuits, 0.76μm (30μ") Gold (Au) Plating, with2.05mm (.081") PC Tail Length, for 1.60mm (.093") PCB, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX7 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0674911131 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-67491-001
Sales Drawing
SD-67491-002
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn