Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0674911131 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0674911131
Description  1.27mm (.050") Pitch Serial ATA High Speed Header, High TemperatureThermoplastic, Through Hole, Vertical, 7 Circuits, 0.76μm (30μ") Gold (Au) Plating, with2.05mm (.081") PC Tail Length, for 1.60mm (.093") PCB, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX7 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0674911131 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0674911131
Status:
Active
Overview:
Serial ATA Products
Description:
1.27mm (.050") Pitch Serial ATA High Speed Header, High Temperature
Thermoplastic, Through Hole, Vertical, 7 Circuits, 0.76µm (30µ") Gold (Au) Plating, with
2.05mm (.081") PC Tail Length, for 1.60mm (.093") PCB, Lead-free
Documents:
3D Model
Product Specification PS-67491-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
67491
Application
Board-to-Board, Wire-to-Board
Overview
Serial ATA Products
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
7
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.081 In
PC Tail Length (mm)
2.05 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
50.8
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67491Series
Mates With
Serial ATA Signal Connector 67489 , 88755


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn