Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
53627-0774 Datasheet(PDF) 3 Page - Molex Electronics Ltd.
Part No.
53627-0774
Description
0.635mm
(.025")
Pitch
SlimStack™
Header,
Surface
Mount,
Dual
Row,
Vertical
Stacking,
10.00
and
16.00mm
(.394
and
.630")
Stacking
Heights,
Lead-free,
70Circuits,
with
Embossed
Tape
with
Cover
Packaging
Download
6 Pages
Scroll/Zoom
100%
Maker
MOLEX7 [Molex Electronics Ltd.]
Homepage
http://www.molex.com
Logo
53627-0774 Datasheet(HTML) 3 Page - Molex Electronics Ltd.
zoom in
zoom out
3
/ 6 page
Html Pages
1
2
3
4
5
6
Datasheet Download
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn