Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

53627-0774 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 53627-0774
Description  0.635mm (.025") Pitch SlimStack™ Header, Surface Mount, Dual Row, Vertical Stacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 70Circuits, with Embossed Tape with Cover Packaging
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX7 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

53627-0774 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0536270774
Status:
Active
Overview:
slimstack_0635mm_025_pitch
Description:
0.635mm (.025") Pitch SlimStack™ Header, Surface Mount, Dual Row, Vertical
Stacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 70
Circuits, with Embossed Tape with Cover Packaging
Documents:
3D Model
Product Specification PS-52760-015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
53627
Application
Board-to-Board
Comments
Stacking-Type
Overview
slimstack_0635mm_025_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
70
Color - Resin
Brown
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.394 In, 0.630 In
Mated Height (mm)
10.00 mm, 16.00 mm
Material - Metal
Copper Alloy, Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.025 In
Pitch - Mating Interface (mm)
0.64 mm
Polarized to PCB
Yes
Robotic Placement
Metal Cap
Shrouded
Fully
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53627-001
Product Specification
PS-52760-015, RPS-52760-017, RPS-52760-018,
RPS-52760-020, RPS-52760-021, RPS-52760-025,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53627Series
Mates With
SlimStack™ Receptacle 52760 , 52837 ,
52885 , 52901


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn