Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53253-0970 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 53253-0970
Description  2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square PinThree-sided Shroud, Lead-free, 9 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53253-0970 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  53253-0970 Datasheet HTML 1Page - Molex Electronics Ltd. 53253-0970 Datasheet HTML 2Page - Molex Electronics Ltd. 53253-0970 Datasheet HTML 3Page - Molex Electronics Ltd. 53253-0970 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53253-001
Product Specification
PS-51065-016, RPS-51065-001, RPS-51065-006,
RPS-51065-007, RPS-51065-013, RPS-51065-015,
RPS-51065-023, RPS-51065-026, RPS-51065-027,
RPS-51065-028, RPS-51065-030
Sales Drawing
SD-51065-006, SD-53253-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 53253-0970

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53253-0 MOLEX7-53253-0 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square Pin,Three-sided Shroud, Lead-free, 3 Circuits
logo
MolexKits
53253-0270 MOLEXKITS-53253-0270 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
53253-0270 MOLEXKITS-53253-0270 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
53253-0270 MOLEXKITS-53253-0270 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
53253-0270 MOLEX7-53253-0270 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square Pin,Three-sided Shroud, Lead-free, 2 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com