Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52793-1870 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52793-1870
Description  1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 18 Circuits, Leadfree
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52793-1870 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52793-1870 Datasheet HTML 1Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 2Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 3Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 4Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 5Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 6Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 7Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 8Page - Molex Electronics Ltd. 52793-1870 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0527931870
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 18 Circuits, Lead-
free
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52793
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
18
Contact Position
Top
Durability (mating cycles max)
10
Entry Angle
90° Angle
Flammability
94V-0
Mated Height (in)
0.122 In
Mated Height (mm)
3.10 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52793-001
Product Specification
PS-52793-014, RPS-52793-016, RPS-52793-018,
RPS-52793-019, RPS-52793-020, RPS-52793-021,
RPS-52793-024
Sales Drawing
SD-52793-011, SD-52793-012
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52793Series


Similar Part No. - 52793-1870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52793-1070 MOLEX7-52793-1070 Datasheet
422Kb / 9P
   1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 10 Circuits, Lead free
52793-1170 MOLEX7-52793-1170 Datasheet
422Kb / 9P
   1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 11 Circuits, Leadfree
52793-1270 MOLEX7-52793-1270 Datasheet
421Kb / 8P
   1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 12 Circuits, Leadfree
52793-1370 MOLEX7-52793-1370 Datasheet
422Kb / 9P
   1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 13 Circuits, Leadfree
52793-1470 MOLEX7-52793-1470 Datasheet
422Kb / 9P
   1.00mm (.039") Pitch Right Angle, SMT, Non-ZIF, Top Contact Style, 14 Circuits, Leadfree
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com