Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53625-0374 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 53625-0374
Description  0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 30 Circuits, with Embossed Tapewith Cover Packaging
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53625-0374 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  53625-0374 Datasheet HTML 1Page - Molex Electronics Ltd. 53625-0374 Datasheet HTML 2Page - Molex Electronics Ltd. 53625-0374 Datasheet HTML 3Page - Molex Electronics Ltd. 53625-0374 Datasheet HTML 4Page - Molex Electronics Ltd. 53625-0374 Datasheet HTML 5Page - Molex Electronics Ltd. 53625-0374 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - 53625-0374

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53625-0474 MOLEX7-53625-0474 Datasheet
397Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 6 Circuits
53625-0574 MOLEX7-53625-0574 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 50 Circuits, with Embossed Tapewith Cover Packaging
53625-0874 MOLEX7-53625-0874 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 80 Circuits, with Embossed Tape with Cover Packaging
53625-0974 MOLEX7-53625-0974 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 90 Circuits, with Embossed Tapewith Cover Packaging
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com