Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50351-8100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50351-8100
Description  2.50mm (.098") Pitch Mini-Lock??Wire-to-Board and Wire-to-Wire Crimp Terminal, Phosphor Bronze, Bag, for 51102, 51103 and 51163 Housings
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50351-8100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50351-8100 Datasheet HTML 1Page - Molex Electronics Ltd. 50351-8100 Datasheet HTML 2Page - Molex Electronics Ltd. 50351-8100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0503518100
Status:
Active
Overview:
minilock
Description:
2.50mm (.098") Pitch Mini-Lock™ Wire-to-Board and Wire-to-Wire Crimp Terminal,
Phosphor Bronze, Bag, for 51102, 51103 and 51163 Housings
Documents:
3D Model
Product Specification PS-51103-013 (PDF)
Drawing (PDF)
Product Specification PS-51103-025 (PDF)
Product Specification PS-51102-002 (PDF)
Product Specification PS-51103-026 (PDF)
Product Specification PS-51103-001 (PDF)
Product Specification PS-51103-027 (PDF)
Product Specification PS-51103-002 (PDF)
Product Specification PS-51163-002 (PDF)
Product Specification PS-51103-005 (PDF)
Product Specification PS-51198-003 (PDF)
Product Specification PS-51103-006 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
50351
Crimp Quality Equipment
Yes
MolexKits
Yes
Overview
minilock
Product Name
Mini-Lock™
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Bag
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.15-1.80mm (.045-.071")
Wire Size AWG
22, 24, 26, 28
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-50351-001
Product Specification
PS-51102-002, PS-51103-001, PS-51103-002,
PS-51103-005, PS-51103-006, PS-51103-013,
PS-51103-025, PS-51103-026, PS-51103-027,
PS-51163-002, PS-51198-003, RPS-500292-001,
RPS-51103-001, RPS-51103-002, RPS-51103-003,
RPS-51103-004, RPS-51103-009, RPS-51103-010,
RPS-51103-011, RPS-51103-012, RPS-51103-014,
RPS-51103-016, RPS-51103-017, RPS-51103-018,
RPS-51103-019, RPS-51103-020, RPS-51103-021,
RPS-51103-025, RPS-51103-027, RPS-51103-029,
RPS-51103-032, RPS-51103-033, RPS-51103-034,
RPS-51103-036, RPS-51103-038, RPS-51103-039,
RPS-51103-041, RPS-51103-044, RPS-51103-046,
RPS-51103-047, RPS-51103-049, RPS-51103-050,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50351Series
Mates With
50837
Use With
51102 , 51163 , 51103
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0638118100
T2 Terminator Die
0638505100
FineAdjust™
Applicator
0638605100
Japan
Description
Product #
Hand Crimper
0572955000


Similar Part No. - 50351-8100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50351-8100 MOLEX-50351-8100 Datasheet
310Kb / 2P
   2.50mm (.098") Pitch Mini-Lock?
logo
MolexKits
50351-8100 MOLEXKITS-50351-8100 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
50351-8100 MOLEXKITS-50351-8100 Datasheet
22Kb / 3P
   PCB Through Hole
50351-8100-C MOLEXKITS-50351-8100-C Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
50351-8100-C MOLEXKITS-50351-8100-C Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com