Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

58783-0011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 58783-0011
Description  HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForSmall Plug Cover, For Panel Mount and Wire-to-Wire, 12 and 40 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

58783-0011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  58783-0011 Datasheet HTML 1Page - Molex Electronics Ltd. 58783-0011 Datasheet HTML 2Page - Molex Electronics Ltd. 58783-0011 Datasheet HTML 3Page - Molex Electronics Ltd. 58783-0011 Datasheet HTML 4Page - Molex Electronics Ltd. 58783-0011 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0587830011
Status:
Active
Description:
HMC™ Rectangular Industrial Receptacle Shell Assembly, Single Module Type, For
Small Plug Cover, For Panel Mount and Wire-to-Wire, 12 and 40 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54478-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
58783
Application
Panel-Mount, Wire-to-Wire
Component Type
Panel-Mount Bracket
Product Name
HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
40
Circuits (maximum)
40
Durability (mating cycles max)
50
Flammability
94V-0
Gender
Receptacle
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Number of Rows
4
Orientation
Vertical
PCB Locator
No
Packaging Type
Bag
Panel Mount
Screws
Pitch - Mating Interface (in)
0.177 In
Pitch - Mating Interface (mm)
4.50 mm
Pitch - Term. Interface (in)
0.177 In
Pitch - Term. Interface (mm)
4.50 mm
Polarized to Mating Part
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
N/A
Waterproof / Dustproof
Yes
Waterproof / Dustproof Type
IP65
Electrical
Current - Maximum per Contact
10A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
300V DC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-54478-001
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
58783Series
Mates With
58782-0011 Plug Shell Assembly
Use With
58474 Wire-to-Wire Covers, 58550 End Bell
Cap, 58455 End Bell Cap, 55347 Housing,
54478 Housing, 54296 TerminalLink:54297
Terminal, 55124 Terminal,


Similar Part No. - 58783-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
58783-0010 MOLEX7-58783-0010 Datasheet
242Kb / 4P
   HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForLarge Plug Cover, For Panel Mount and Wire-to-Wire, 52 Circuits
More results

Similar Description - 58783-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0587830010 MOLEX7-0587830010 Datasheet
242Kb / 4P
   HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForLarge Plug Cover, For Panel Mount and Wire-to-Wire, 52 Circuits
0587820011 MOLEX7-0587820011 Datasheet
276Kb / 5P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For Small Plug Cover, 12 and 40 Circuits
0587820010 MOLEX7-0587820010 Datasheet
214Kb / 4P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For LargePlug Cover, 52 Circuits
5008111010 MOLEX11-5008111010 Datasheet
137Kb / 3P
   Mini-HMC Rectangular Industrial Wire-to-Wire Cover, Right Angle, 40 Circuits, for Plug
0584620011 MOLEX7-0584620011 Datasheet
114Kb / 2P
   HMC??Rectangular Industrial Plug Hood, Single-Module Type, Vertical, SmallExternal Thread, 12 and 40 Circuits
0584740001 MOLEX7-0584740001 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External ThreadPG29, for Small Plug
0563870000 MOLEX7-0563870000 Datasheet
91Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 48 and 72 Circuits, ExternalThread, PG36
0584740000 MOLEX7-0584740000 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External Thread PG29, for Large Plug
0563860000 MOLEX7-0563860000 Datasheet
89Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 36 Circuits, External Thread, PG29
0553481215 MOLEX7-0553481215 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module Type, 12 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com