Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53375-1410 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 53375-1410
Description  2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, 14 Circuits, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53375-1410 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  53375-1410 Datasheet HTML 1Page - Molex Electronics Ltd. 53375-1410 Datasheet HTML 2Page - Molex Electronics Ltd. 53375-1410 Datasheet HTML 3Page - Molex Electronics Ltd. 53375-1410 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53375-001
Product Specification
PS-51103-005, PS-51103-007, PS-51163-001,
PS-51163-002, RPS-51103-009, RPS-51103-010,
RPS-51103-011, RPS-51103-028, RPS-51103-030,
RPS-51103-032, RPS-51103-041, RPS-51103-046,
RPS-51103-047, RPS-51103-050, RPS-51103-056,
RPS-51163-002
Sales Drawing
SD-53375-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 53375-1410

ManufacturerPart #DatasheetDescription
logo
MolexKits
53375-1010 MOLEXKITS-53375-1010 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
logo
Molex Electronics Ltd.
53375-1010 MOLEX7-53375-1010 Datasheet
208Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, 10 Circuits, Lead-free
53375-1110 MOLEX7-53375-1110 Datasheet
208Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, 11 Circuits, Lead-free
53375-1210 MOLEX7-53375-1210 Datasheet
208Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, 12 Circuits, Lead-free
53375-1310 MOLEX7-53375-1310 Datasheet
208Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, 13 Circuits, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com