Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0528851474 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0528851474
Description  0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 140 Circuits, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0528851474 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0528851474 Datasheet HTML 1Page - Molex Electronics Ltd. 0528851474 Datasheet HTML 2Page - Molex Electronics Ltd. 0528851474 Datasheet HTML 3Page - Molex Electronics Ltd. 0528851474 Datasheet HTML 4Page - Molex Electronics Ltd. 0528851474 Datasheet HTML 5Page - Molex Electronics Ltd. 0528851474 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0528851474
Status:
Active
Description:
0.635mm (.025") Pitch SlimStack™ Receptacle, Surface Mount, Dual Row, Vertical
Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape with
Cover Packaging, 140 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-52760-015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Receptacles
Series
52885
Application
Board-to-Board
Comments
Stacking-Type
Product Name
SlimStack™
Physical
Circuits (Loaded)
140
Color - Resin
Natural
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Mated Height (mm)
10.00 mm, 5.00 mm, 6.00 mm, 7.00 mm, 8.00 mm, 9.00
mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.025 In
Pitch - Mating Interface (mm)
0.64 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52885Series
Mates With
55091 , 53649 , 53643 , 53475 , 53627 ,
53553 , 5 3552, 53647 , 53551 , 53481 ,
53625


Similar Part No. - 0528851474

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0528851074 MOLEX7-0528851074 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 100 Circuits, Lead-free
0528851274 MOLEX7-0528851274 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 120 Circuits, Lead-free
0528851674 MOLEX7-0528851674 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 160 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com