Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51111-0600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51111-0600
Description  2.50mm (.098
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51111-0600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51111-0600 Datasheet HTML 1Page - Molex Electronics Ltd. 51111-0600 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511110600
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With
Retainer, 6 Circuits
Documents:
Drawing (PDF)
Product Specification PS-51111-003 (PDF)
Product Specification PS-51111-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51111-002 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51111
Product Name
N/A
Physical
Circuits (maximum)
6
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51111-001, PS-51111-002, PS-51111-003,
RPS-51111-001, RPS-51111-005, RPS-51111-006,
RPS-51111-007
Sales Drawing
SD-51111-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51111Series
Mates With
51112 , 51112wr , 53561 , 53730
Use With
50397 , 51113
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51111-0600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51111-0600 MOLEX11-51111-0600 Datasheet
44Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, with Retainer, 6
More results

Similar Description - 51111-0600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510470900 MOLEX7-0510470900 Datasheet
94Kb / 2P
   2.50mm (.098
0510151500 MOLEX7-0510151500 Datasheet
88Kb / 2P
   2.50mm (.098
0351550511 MOLEX4-0351550511 Datasheet
109Kb / 2P
   2.50mm (.098
0351841100 MOLEX4-0351841100 Datasheet
130Kb / 2P
   2.50mm (.098
0353120660 MOLEX4-0353120660 Datasheet
231Kb / 5P
   2.50mm (.098") Pitch Header
0353010860 MOLEX4-0353010860 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX?
0353121260 MOLEX4-0353121260 Datasheet
231Kb / 5P
   2.50mm (.098") Pitch Header
0353010250 MOLEX4-0353010250 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX?
50351-8000 MOLEX-50351-8000 Datasheet
310Kb / 2P
   2.50mm (.098") Pitch Mini-Lock?
0351641002 MOLEX4-0351641002 Datasheet
87Kb / 2P
   2.50mm (.098") Pitch Board-In Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com