Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0643221339 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0643221339
Description  Female Terminal, Tin Plated, Selective 0.8μm Gold in Contact Area, for Square 0.6mmx 0.6mm Pins, Wire size 0.75mm² AWG, Packaging on reel - "in ladder Strip pitch7.0mm"
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX7 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0643221339 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0643221339
Status:
Active
Overview:
cmc_connectors
Description:
Female Terminal, Tin Plated, Selective 0.8µm Gold in Contact Area, for Square 0.6mm
x 0.6mm Pins, Wire size 0.75mm² AWG, Packaging on reel - "in ladder Strip pitch
7.0mm"
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Terminals
Series
64322
Comments
Plated:Gold plated locally 0.8µm, tin plated 1 to 3µm
Crimp Quality Equipment
Yes
Overview
cmc_connectors
Product Name
CMC, CP Terminal
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
39
Plating min: Termination (µm)
1
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.27mm
Wire Size AWG
N/A
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
2.5A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-64322-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64322Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
FineAdjust™
Applicator
0638689100
Extraction Tool
0638132400
HAND CRIMP TOOL 0638119200
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn