Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55650-0488 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 55650-0488
Description  0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 40 Circuits, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

55650-0488 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  55650-0488 Datasheet HTML 1Page - Molex Electronics Ltd. 55650-0488 Datasheet HTML 2Page - Molex Electronics Ltd. 55650-0488 Datasheet HTML 3Page - Molex Electronics Ltd. 55650-0488 Datasheet HTML 4Page - Molex Electronics Ltd. 55650-0488 Datasheet HTML 5Page - Molex Electronics Ltd. 55650-0488 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-55650-001
Product Specification
PS-54363-044, PS-54363-046, RPS-54363-047
Sales Drawing
SD-55650-013, SD-55650-014
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 55650-0488

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55650-0288 MOLEX7-55650-0288 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm(.079") Stack Height, with Solder Tab, 20 Circuits, Lead-free
55650-0388 MOLEX7-55650-0388 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 30 Circuits, Lead-free
55650-0588 MOLEX7-55650-0588 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm079") Stack Height, with Solder Tab, 50 Circuits, Lead-free
55650-0688 MOLEX7-55650-0688 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm(.079") Stack Height, with Solder Tab, 60 Circuits, Lead-free
55650-0788 MOLEX7-55650-0788 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 70 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com