Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67351-9074 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67351-9074
Description  MicroCross??DVI-D Digital Visual Interface with attached Hex Jack Screw,PCB Receptacle, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") PC Tail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67351-9074 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67351-9074 Datasheet HTML 1Page - Molex Electronics Ltd. 67351-9074 Datasheet HTML 2Page - Molex Electronics Ltd. 67351-9074 Datasheet HTML 3Page - Molex Electronics Ltd. 67351-9074 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74320-010
Sales Drawing
SD-67351-036
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67351-9074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67351-9004 MOLEX7-67351-9004 Datasheet
214Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
67351-9006 MOLEX7-67351-9006 Datasheet
216Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
67351-9047 MOLEX7-67351-9047 Datasheet
218Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Glass-filledPolymerThrough Hole, Right Angle, Gold (Au) Flash, with Hex Thumbscrew, 24 Circuits, LeadFree
67351-9054 MOLEX7-67351-9054 Datasheet
253Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, with Hex Thumb Screw, 2.34mm (.092") PC Tail Length, 29 CircuitsLead Free
67351-9057 MOLEX7-67351-9057 Datasheet
255Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, Gold (Au) Flash, with Hex Thumb Screw, 29 Circuits, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com