Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67492-1421 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67492-1421
Description  1.27mm (.050
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67492-1421 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67492-1421 Datasheet HTML 1Page - Molex Electronics Ltd. 67492-1421 Datasheet HTML 2Page - Molex Electronics Ltd. 67492-1421 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
230
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67492-001
Product Specification
PS-67492-001
Sales Drawing
SD-67492-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67492-1421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67492-1420 MOLEX7-67492-1420 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.90mm (.232"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
67492-1422 MOLEX7-67492-1422 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.90mm (.232"), 0.38關m (15關") Gold (Au) Plating, Tray Packaging, 22 Circuits, LeadFree
More results

Similar Description - 67492-1421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0511140200 MOLEX7-0511140200 Datasheet
105Kb / 2P
   1.27mm (.050
0675810009 MOLEX8-0675810009 Datasheet
127Kb / 2P
   1.27mm (.050
0459844242 MOLEX6-0459844242 Datasheet
429Kb / 7P
   1.27mm (.050
0459703313 MOLEX6-0459703313 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug
0459713111 MOLEX6-0459713111 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
0459710363 MOLEX6-0459710363 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
0465575145 MOLEX6-0465575145 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle
0465572447 MOLEX6-0465572447 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle
logo
Hirose Electric
HIF7-34DA-1.27DSAL HIROSE-HIF7-34DA-1.27DSAL Datasheet
848Kb / 8P
   1.27mm (.050) MINIATURE CONNECTORS
logo
Molex Electronics Ltd.
0712515191 MOLEX8-0712515191 Datasheet
211Kb / 4P
   1.27mm (.050") Pitch DIMM Socket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com