Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0674921632 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0674921632
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height4.45mm (.175"), 0.38關m (15關") Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging, 22 Circuits, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0674921632 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0674921632 Datasheet HTML 1Page - Molex Electronics Ltd. 0674921632 Datasheet HTML 2Page - Molex Electronics Ltd. 0674921632 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67492-005
Sales Drawing
SD-67492-008
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0674921632

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0674921630 MOLEX7-0674921630 Datasheet
156Kb / 3P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height4.45mm (.175"), Gold (Au) Flash, with Cap, Embossed Tape on Reel Packaging, 22Circuits, Lead Free
0674921631 MOLEX7-0674921631 Datasheet
162Kb / 3P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175"), 0.76關m (30關") Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging,22 Circuits, Lead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com