Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53780-2070 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 53780-2070
Description  1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 20 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53780-2070 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  53780-2070 Datasheet HTML 1Page - Molex Electronics Ltd. 53780-2070 Datasheet HTML 2Page - Molex Electronics Ltd. 53780-2070 Datasheet HTML 3Page - Molex Electronics Ltd. 53780-2070 Datasheet HTML 4Page - Molex Electronics Ltd. 53780-2070 Datasheet HTML 5Page - Molex Electronics Ltd. 53780-2070 Datasheet HTML 6Page - Molex Electronics Ltd. 53780-2070 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PS-51146-010, PS-51146-012, RPS-51146-020,
RPS-51146-022, RPS-51146-023, RPS-51146-025,
RPS-51146-026, RPS-51146-027, RPS-51146-028,
RPS-51146-029
Sales Drawing
SD-53780-003, SD-53780-004
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 53780-2070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53780-2070 MOLEX-53780-2070 Datasheet
406Kb / 5P
   1.25 W/B CONN WAFER ASSY FOR SMT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com