Electronic Components Datasheet Search |
|
55487-0319 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
55487-0319 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0554870319 Status: Active Description: 2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, High Wall Type, with Inner Positive Lock, Lead-free, 3 Circuits Documents: 3D Model Product Specification PS-51216-007 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 55487 Application Wire-to-Board Product Name N/A Physical Breakaway No Circuits (Loaded) 3 Circuits (maximum) 3 Color - Resin Natural Durability (mating cycles max) 30 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Mated Height (in) 0.697 In Mated Height (mm) 17.70 mm Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.130 In PC Tail Length (mm) 3.30 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Polarized to Mating Part Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 2.5A Voltage - Maximum 250V Material Info Reference - Drawing Numbers Product Specification PS-51216-007, RPS-51216-010 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 55487Series Mates With 51216 Wire-to-Board and Wire-to-Wire Receptacle Housing |
Similar Part No. - 55487-0319 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |