Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51090-1500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51090-1500
Description  2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Single Row, 15Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51090-1500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51090-1500 Datasheet HTML 1Page - Molex Electronics Ltd. 51090-1500 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510901500
Status:
Active
Description:
2.00mm (.079") Pitch Mi II™ System Wire-to-Board Crimp Housing, Single Row, 15
Circuits
Documents:
3D Model
Product Specification PS-51090-009 (PDF)
Drawing (PDF)
Product Specification PS-51090-016 (PDF)
Product Specification PS-51090-003 (PDF)
Product Specification PS-51090-017 (PDF)
Product Specification PS-51090-004 (PDF)
Product Specification PS-53358-001 (PDF)
Product Specification PS-51090-005 (PDF)
Product Specification PS-55533-003 (PDF)
Product Specification PS-51090-007 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51090
Product Name
Mi II™
Physical
Circuits (maximum)
15
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51090-003, PS-51090-004, PS-51090-005,
PS-51090-007, PS-51090-009, PS-51090-016,
PS-51090-017, PS-53358-001, PS-55533-003,
RPS-51089-006, RPS-51090-001, RPS-51090-002,
RPS-51090-005, RPS-51090-008, RPS-51090-010,
RPS-51090-012, RPS-51090-013, RPS-51090-014,
RPS-51090-015, RPS-51090-017, RPS-51090-018,
RPS-51090-019, RPS-51090-021, RPS-51090-022,
RPS-51090-026, RPS-52484-002, RPS-52969-004,
RPS-52969-005, RPS-52969-006, RPS-53324-001,
RPS-53358-001, RPS-54111-005
Sales Drawing
SD-51090-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51090Series
Mates With
55460 , 53324 , 53325
Use With
50212 Crimp Terminals
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51090-1500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51090-1000 MOLEX7-51090-1000 Datasheet
98Kb / 2P
   1.25mm (.049
51090-1100 MOLEX7-51090-1100 Datasheet
98Kb / 2P
   2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Single Row, 11Circuits
51090-1200 MOLEX7-51090-1200 Datasheet
98Kb / 2P
   2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Single Row, 12Circuits
51090-1300 MOLEX7-51090-1300 Datasheet
98Kb / 2P
   2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Single Row, 13Circuits
51090-1400 MOLEX7-51090-1400 Datasheet
98Kb / 2P
   2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Single Row, 14Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com