Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-46132-600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-46132-600
Description  0.80mm (.031") Pitch HandyLink Hilgh Load Plug for PCB Termination, 3 Circuit without Latches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-46132-600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-46132-600 Datasheet HTML 1Page - Molex Electronics Ltd. SD-46132-600 Datasheet HTML 2Page - Molex Electronics Ltd. SD-46132-600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0461326000
Status:
Active
Overview:
HandyLink™
Description:
0.80mm (.031") Pitch HandyLink™ Hilgh Load Plug for PCB Termination, 3 Circuit
without Latches
Documents:
3D Model
Product Specification PS-46132-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
46132
Application
Board-to-Board, Wire-to-Board
Comments
Please reference Application Specification
AS-44828-001 when designing
Component Type
Plug
More Detailed Tech Information
handylink@molex.com
Overview
HandyLink™
Product Name
HandyLink®
Type
N/A
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Circuits Detail
Terminals 1, 15 & 16 Loaded
Color - Resin
Black
Durability (mating cycles max)
700
Flammability
94V-0
Gender
Plug
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA), Stainless Steel
Material - Plating Mating
Gold, Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Vertical
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Plating min: Mating (µin)
4, 50.00
Plating min: Mating (µm)
0.1, 1.250
Plating min: Termination (µin)
200, 50.00
Plating min: Termination (µm)
1.25, 5
Polarized to Mating Part
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46132Series
Mates With
44828 HandyLink™ SMT Receptacle


Similar Part No. - SD-46132-600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 5.33mm (.210"), with Snap-In Metal Pins, Tin (Sn) Plating
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150")
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 2 Circuits, PC Tail Length mm without
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150"), without
SD-46207-001 MOLEX6-SD-46207-001 Datasheet
295Kb / 4P
   4.20mm (.165") Pitch Mini-Fit RTC Reflow High Temperature Compatible Header, Dual Row, Vertical, 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com