Electronic Components Datasheet Search |
|
SD-45984-800 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-45984-800 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 7 page This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0459848252 Status: Active Overview: extreme_lphpower Description: 1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower™ Receptacle Header, Right Angle, 8 Power Contacts, 28 Signal Contacts, Select Gold (Au) Plating, for 2.36mm (.093") Thick PC Board, with Guide Posts Documents: 3D Model Product Specification PS-45984-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Receptacles Series 45984 Application Board-to-Board Overview extreme_lphpower Product Name EXTreme LPHPower™ Physical Circuits (Loaded) 36 Circuits (maximum) 36 Circuits Detail 8 Power, 28 Signal Color - Resin Black Durability (mating cycles max) 250 Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part Yes Keying to Mating Part Yes Lock to Mating Part No Material - Metal High Performance Alloy (HPA), Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.142 In PC Tail Length (mm) 3.60 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.093 In PCB Thickness Recommended (mm) 2.36 mm Packaging Type Tray Pitch - Mating Interface (in) 0.050 In, 0.472 In Pitch - Mating Interface (mm) 1.27 mm, 12.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 150, 75 Plating min: Termination (µm) 1.875, 3.75 Polarized to Mating Part Yes Polarized to PCB Yes Stackable No Surface Mount Compatible (SMC) Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 45984Series Mates With 45985 EXTreme LPHPower™ Headers, 1.57mm (.062") Card Edge |
Similar Part No. - SD-45984-800 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |