Electronic Components Datasheet Search |
|
SD-49036-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-49036-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0490360410 Status: Active Description: 3.80mm (.150") Pitch, Wire-to-Wire Uniconn Female Housing, for 2.28mm (.090") Diameter Terminal, White Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-49033-001 (PDF) General Product Family Crimp Housings Series 49036 Product Name Uniconn Physical Circuits (maximum) 4 Color - Resin Black, Natural Gender Female Glow-Wire Compliant No Lock to Mating Part Yes Material - Resin Polyester Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.150 In Pitch - Mating Interface (mm) 3.80 mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +80°C Electrical Current - Maximum per Contact 10A Material Info Reference - Drawing Numbers Product Specification PS-49033-001 Sales Drawing SD-49036-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 49036Series Mates With 49035 Housing Use With 35421 Terminal This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - SD-49036-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |