Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-48336-001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # SD-48336-001
Description  SLIMLINE SATA REC. REVERSE SMT WITH CLIP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48336-001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  SD-48336-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48336-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48336-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-48336-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - SD-48336-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-48336-001 MOLEX6-SD-48336-001 Datasheet
175Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse SMT with Clip, Gold (Au)
More results

Similar Description - SD-48336-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0483361001 MOLEX6-0483361001 Datasheet
172Kb / 4P
   SLIMLINE SATA REC. REVERSE SMT WITH CLIP
0483300003 MOLEX6-0483300003 Datasheet
162Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse SMT with Clip
0483361003 MOLEX6-0483361003 Datasheet
175Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse SMT with Clip
0483300001 MOLEX6-0483300001 Datasheet
162Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse SMT with Clip, 0.76um
0483362002 MOLEX6-0483362002 Datasheet
175Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse SMT with Clip, 0.38um
0483362001 MOLEX6-0483362001 Datasheet
175Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse SMT with Clip, Gold (Au)
0483300002 MOLEX6-0483300002 Datasheet
162Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,Reverse SMT with Clip, 0.38關m (15關") Gold (Au) Plating, Mounted Height: 6.85mm (.270")
logo
Wurth Elektronik GmbH &...
629004113921 WURTH-629004113921 Datasheet
516Kb / 3P
   USB 2.0 TYPE A SMT WITH CLIP
logo
TE Connectivity Ltd
C-1735284 TEC-C-1735284 Datasheet
801Kb / 5P
   SATA BACKPLANE RECEPTACLE, VERTICAL, SMT
logo
Amphenol Communications...
10155375 AMPHENOLCS-10155375 Datasheet
362Kb / 1P
   Dsub SMT Slimline 09 position Male connector
Rev. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com