Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-44432-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-44432-001
Description  3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Vertical, with PCB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44432-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-44432-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44432-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44432-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44432-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44432-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44432-001
Product Specification
PS-44300-001, RPS-44300-001
Sales Drawing
SD-44432-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-44432-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-44432-001 MOLEX6-SD-44432-001 Datasheet
235Kb / 5P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible
SD-44432-001 MOLEX6-SD-44432-001 Datasheet
167Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Vertical, with PCB
SD-44432-001 MOLEX6-SD-44432-001 Datasheet
235Kb / 5P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Vertical, with PCB Polarizing Peg
SD-44432-001 MOLEX6-SD-44432-001 Datasheet
235Kb / 5P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Vertical, with PCB Polarizing
SD-44432-001 MOLEX6-SD-44432-001 Datasheet
235Kb / 5P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Vertical, with PCB Polarizing Peg
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com