Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA-44206-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SDA-44206-001
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with 11.90mm (.469") Locking Ramp, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SDA-44206-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SDA-44206-001 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-44206-001 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-44206-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-44206-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SDA-44206-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-44472-0311 MOLEX6-SDA-44472-0311 Datasheet
115Kb / 3P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Single Row, Vertical
SDA-44472-1257 MOLEX6-SDA-44472-1257 Datasheet
224Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header
SDA-44472-1650 MOLEX6-SDA-44472-1650 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical
SDA-44472-2256 MOLEX6-SDA-44472-2256 Datasheet
147Kb / 4P
   4.20mm (.165") Pitch Mini-Fit HCS??Header
SDA-44472-2453 MOLEX6-SDA-44472-2453 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com