Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-49448-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-49448-001
Description  1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-49448-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-49448-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-49448-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-49448-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-49448-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0494481611
Status:
Active
Description:
1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin
microSD, Reverse Mount with Detect Switch, and 8-Pin SIM, Normal Mount
Documents:
3D Model
Product Specification PS-49448-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
49448
Button Type
Push-Pull, Push-Push
Comments
microSD Card 8 Circuits, SIM Card 8 Circuits, Switch
Circuits 2
Component Type
Card Holder (Host)
Product Name
Combo, microSD Card, SIM
Type
N/A
Physical
Card Detection Switch
Open
Circuits (Loaded)
18
Circuits (maximum)
18
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
Horizontal
Keying to Mating Part
Yes
Material - Metal
Copper, Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Gold
PC Tail Length (in)
0.039 In, 0.043 In
PC Tail Length (mm)
1.00 mm, 1.10 mm
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.043 In, 0.050 In
Pitch - Mating Interface (mm)
1.10 mm, 1.27 mm
Ports
2
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
5V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-49448-001
Product Specification
PS-49448-001, RPS-49448-001
Sales Drawing
SD-49448-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49448Series
Mates With
microSD Card, SIM Card
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-49448-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-49437-001 MOLEX6-SD-49437-001 Datasheet
282Kb / 4P
   0.50mm (.020") Pitch Board-to-Board Shutter I/O Receptacle
SD-49463-001 MOLEX6-SD-49463-001 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 22 Circuits
SD-49463-001 MOLEX6-SD-49463-001 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 10 Circuits
SD-49463-002 MOLEX6-SD-49463-002 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 22 Circuits
SD-49463-002 MOLEX6-SD-49463-002 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 10 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com