Electronic Components Datasheet Search |
|
SD-44067-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-44067-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0440672401 Status: Active Overview: microfit_30 Description: 3.00mm (.118") Pitch Micro-Fit 3.0™ Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140") Thick PCB, 24 Circuits, Tin (Sn) Plating Documents: 3D Model Product Specification PS-43045 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 44067 Application Wire-to-Board Comments High Temperature, Polarization Key to PCB Overview microfit_30 Product Name Micro-Fit 3.0™ Physical Breakaway No Circuits (Loaded) 24 Circuits (maximum) 24 Color - Resin Black Durability (mating cycles max) 30 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.158 In PC Tail Length (mm) 4.01 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.140 In PCB Thickness Recommended (mm) 3.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.118 In Pitch - Mating Interface (mm) 3.00 mm Pitch - Term. Interface (in) 0.118 In Pitch - Term. Interface (mm) 3.00 mm Plating min: Mating (µin) 100 Plating min: Mating (µm) 2.5 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole - Kinked Pin Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 44067Series Mates With 43025 Micro-Fit™ Header |
Similar Part No. - SD-44067-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |