Electronic Components Datasheet Search |
|
SD-44428-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-44428-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0444282003 Status: Active Overview: microfit_30 Description: 3.00mm (.118") Pitch Micro-Fit 3.0 BMI™ Header, Surface Mount Compatible, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 20 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating Documents: 3D Model Product Specification PS-44300-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family PCB Headers Series 44428 Application Board-to-Board, Wire-to-Board Comments High Temperature|Square Pin|Solder Type|Polarized to Mating Part Overview microfit_30 Product Name Micro-Fit 3.0 BMI™ Physical Breakaway No Circuits (Loaded) 20 Circuits (maximum) 20 Color - Resin Black Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.118 In Pitch - Mating Interface (mm) 3.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.54 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 44428Series Mates With 44133 , 44764 , 44769 |
Similar Part No. - SD-44428-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |