Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-48203-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-48203-001
Description  High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits, 2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48203-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-48203-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48203-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48203-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0482036069
Status:
Active
Description:
High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle,
Right Angle, Through Hole, Full 15 Circuits, 2 #4-40 Hex Inner Thread Screws
Assembled, Black Housing, Overall Gold (Au) Flash, Lead Free
Documents:
3D Model
Product Specification PS-48203-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
48203
Application
Wire-to-Board
Component Type
Receptacle
Product Name
D-Sub, DB15
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
15
Circuits (maximum)
15
Color - Resin
Black
Durability (mating cycles max)
600
Gender
Receptacle
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.090 In
Pitch - Mating Interface (mm)
2.29 mm
Pitch - Term. Interface (in)
0.090 In
Pitch - Term. Interface (mm)
2.29 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48203Series
Mates With
48202


Similar Part No. - SD-48203-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-48203-001 MOLEX6-SD-48203-001 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
SD-48203-001 MOLEX6-SD-48203-001 Datasheet
140Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits
More results

Similar Description - SD-48203-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0482036043 MOLEX6-0482036043 Datasheet
140Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits
0482036746 MOLEX6-0482036746 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036066 MOLEX6-0482036066 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036073 MOLEX6-0482036073 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036062 MOLEX6-0482036062 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036042 MOLEX6-0482036042 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036342 MOLEX6-0482036342 Datasheet
150Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036763 MOLEX6-0482036763 Datasheet
139Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036766 MOLEX6-0482036766 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036743 MOLEX6-0482036743 Datasheet
139Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com