Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-44764-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-44764-001
Description  3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic Pegs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44764-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-44764-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44764-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44764-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44764-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0447641601
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0, BMI™ Receptacle Header, Dual Row, Right Angle,
with Press-fit Plastic Pegs, 2.54µm (100µ") Tin (Sn), 16 Circuits
Documents:
3D Model
Product Specification PS-44300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Receptacles
Series
44764
Application
Board-to-Board, Wire-to-Board
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0 BMI™
Physical
Circuits (Loaded)
16
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
40.8
Plating min: Mating (µm)
1.02
Plating min: Termination (µin)
40.8
Plating min: Termination (µm)
1.02
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44764Series
Mates With
44428 , 44300 , 44432


Similar Part No. - SD-44764-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-44764-001 MOLEX6-SD-44764-001 Datasheet
256Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI??Receptacle Header
SD-44764-001 MOLEX6-SD-44764-001 Datasheet
256Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI??Receptacle Header
SD-44764-001 MOLEX6-SD-44764-001 Datasheet
256Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic Pegs
SD-44764-001 MOLEX6-SD-44764-001 Datasheet
256Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic Pegs, 0.8um (30u")
SD-44764-001 MOLEX6-SD-44764-001 Datasheet
256Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic Pegs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com