Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-44262-100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-44262-100
Description  9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44262-100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-44262-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44262-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44262-100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442624634
Status:
Active
Description:
9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with
Select Gold, 8 AWG
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
44262
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
500
Gender
Female
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
6.02mm (.237") max
Wire Size AWG
8
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
20A
Voltage - Maximum
600V AC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-44262-100
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44262Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator for Power
Contact Crimp
Terminals, Female
8-12 AWG
0638326300
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-44262-100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
228Kb / 4P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
228Kb / 4P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 14-16 AWG
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
227Kb / 3P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 10-12 AWG
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
227Kb / 3P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 8 AWG
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
222Kb / 3P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com